Part Number Hot Search : 
50400 T6400 2A473KS 0FBIR10 MS62581 AD7535KN AVRX750U L79L05AC
Product Description
Full Text Search
 

To Download CB1SLU111560200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Banded Skip Filters for 100GHz Add/Drop Multiplexing
Bookham banded skip filters leverage the proprietary Advanced Energetic Deposition (AED) process to produce the industry's best skip filter solution. The AED process features state-of-the-art layer thickness control to produce thin-film interference filters that are unparalleled for optical add/drop multiplexing (OADM) WDM applications. Standard 5.5mm diameter packaging is available with the boot/length specification needed to meet your application. The optional compact packaging has diameter of only 3.2mm. All Bookham filter components are Telcordia GR-1221 qualified and RoHS compliant. Skip filters allow for practical ROADM deployments by splitting off a small band of wavelengths (4, 8, or 10) that can be reconfigured, without losing adjacent channels, for a more cost effective add/drop solution and a "pay as you grow" network architecture. Bookham's OADM 100GHz TFF products can be used for a fixed OADM portion of the network. Bookham offers custom skip designs for channel plans not covered in the ordering information table. Features: * 10ch, 8ch, 4ch and 2ch skip-zero filters available * Wide range of band plans available including skip-1 and skip-2 designs. * Deep reflection isolation for minimized coherent crosstalk * Low express channel loss * Flat transmission passband for cascading * Fewer skipped channels * 27.5GHz clear channel allocation * Excellent temperature stability * GR-1221 qualified * RoHS compliant
Options: * Custom skip designs available * Compact packaging: 3.2mm diameter * Rugged packaging * Other channel plans available
Applications: * Add/drop multiplexing * Metro and long-haul WDM * Banded Mux/Demux
1
Data Sheet
Band Filters for 100GHz
Typical design specifications (valid over operating temperature)
Transmitted Channel Clear Channel Passband Isolation Bandwidth Insertion Loss IL Variation
[1] [1] [1][2]
Standard 2s0 Standard 4s0 Standard 4s1 Standard 8s0 Standard 10s0 Spec #0490 Spec #0491 Spec #0492 Spec #0508 Spec #0493 127.5 272.5 0.8 0.3 25 45 45 0.2 327.5 472.5 0.9 0.3 25 45 45 0.2 327.50 672.50 0.9 0.4 25 45 45 0.2 727.50 872.50 0.9 0.4 15 45 45 0.2 927.50 1072.50 0.8 0.4 15.5 45 45 0.2 Min Max Max Max Min Min Min Max
Unit GHz GHz dB dB dB dB dB dB
Adjacent Channel Isolation Return Loss Directivity PDL
[2] [2] [2]
Reflected Channel Insertion Loss Isolation PDL
[2] [1] [1][2]
0.4 14 0.2
0.4 12 0.2
0.4 13 0.2
0.45 12 0.2
0.45 12.5 0.2
Max Min Max
dB dB dB
Component Parameters Operating Temperature Storage Temperature Dimensions (Standard Package)
[3]
-5 to 70 -40 to 85 5.5 (O) x 51 (L)
C C mm
Notes:
[1] Loss values do not include connectors [2] Measured over operating temperature and ASOP [3] Nominal Overall Length. Standard Package without boots nominally 35mm.
2
Data Sheet
Example Applications and Performance
Banded 4-skip-0 applications and 4-skip-0 performance at -5C, 25C, and 70C
Banded OADM
Banded Mux/Demux
4 skip 0
4 Channel Demux Add
4 skip 0
4 Channel Mux Drop
4 skip 0 4 skip 0 4 skip 0 4 skip 0
0 -5 -10 -15 -20 -25 -30 1552
Transmission (-5C) Reflection (-5C) Transmission (70C) Reflection (70C) Transmission (25C) Reflection (25C)
1553
Loss dB
1554
1555
1556
Wavelength (nm)
3
Data Sheet
Ordering Information
Band filter numbering convention
PACKAGE TYPE S = STD (5.5 mm dia) C = COMPACT (3.2 mm dia) H = INNER HOUSING ONLY R = RUGGED (See Spec) Z = CUSTOM (See Spec) G = ALL GLASS
FIBER TYPE 1 = 900 m Loose Tube 2 = 2 mm Jacketed 3 = 250 m Bare Fibre 4 = 900 m Tight Buffer 9 = See Specification
FIBER LENGTH 1 = 1 Meter Min. 2 = 2 Meter Min. 3 = 3 Meter Min. 4 = 1.5 Meter Min. 5 = 2.5 Meter Min. 6 = 1-1.5 Meter 7 = 0.9-1.0 Meter 8 = Multiple 9 = See Specification
CB1SLU321560200
CONNECTOR TYPE LU = LC/UPC FU = FC/UPC FA = FC/APC SU = SC/UPC SA = SC/APC MU = MU ..... NA = NONE CC = COMBO (See Spec) CENTER WAVELENGTH (nm) 1560200 = 1560.200 or FREQUENCY (THz) F192.150 = 192.150 CWL found in the table below. Center Wavelength is center of band and may be on 50GHz ITU grid. 4 digit SPEC # to be found in the table on page 2
Channel Plans: 2s0
CWL (nm) 1560.200 1558.578 1556.959 1555.343 1553.731 1552.122 1550.517 1548.915 1547.316 1545.720 1544.128 1542.539 1540.953 1539.371 1537.792 1536.216
CWL (THz) 192.150 192.350 192.550 192.750 192.950 193.150 193.350 193.550 193.750 193.950 194.150 194.350 194.550 194.750 194.950 195.150
Banded (Skipped) Channels Ch's 20, 21 Ch's 22, 23 Ch's 24, 25 Ch's 26, 27 Ch's 28, 29 Ch's 30, 31 Ch's 32, 33 Ch's 34, 35 Ch's 36, 37 Ch's 38, 39 Ch's 40, 41 Ch's 42, 43 Ch's 44, 45 Ch's 46, 47 Ch's 48, 49 Ch's 50, 51
4
Data Sheet
Channel Plans: 4s0
CWL (nm) 1565.900 1562.640 1559.390 1556.150 1552.930 1549.720 1546.520 1543.330 1540.160 1537.000 1533.860 1530.720
CWL (THz) 191.450 191.850 192.250 192.650 193.050 193.450 193.850 194.250 194.650 195.050 195.450 195.850 191.250 191.750 192.250 192.750 193.250 193.750 194.250 194.750 195.250 195.750 192.35 193.15 193.95 194.75 195.55 192.45 193.45 194.45 195.45
Banded (Skipped) Channels Ch's 13, 14, 15, 16 Ch's 17, 18, 19, 20 Ch's 21, 22, 23, 24 Ch's 25, 26, 27, 28 Ch's 29, 30, 31, 32 Ch's 33, 34, 35, 36 Ch's 37, 38, 39, 40 Ch's 41, 42, 43, 44 Ch's 45, 46, 47, 48 Ch's 49, 50, 51, 52 Ch's 53, 54, 55, 56 Ch's 57, 58, 59, 60 Ch's 11, 12, 13, 14 Ch's 16, 17, 18, 19 Ch's 21, 22, 23, 24 Ch's 26, 27, 28, 29 Ch's 31, 32, 33, 34 Ch's 36, 37, 38, 39 Ch's 41, 42, 43, 44 Ch's 46, 47, 48, 49 Ch's 51, 52, 53, 54 Ch's 56, 57, 58, 59 Ch's 20, 21, 22, 23, 24, 25, 25, 27 Ch's 28, 29, 30, 31, 32, 33, 34, 35 Ch's 36, 37, 38, 39, 40, 41, 42, 43 Ch's 44, 45, 46, 47, 48, 49, 50, 51 Ch's 52, 53, 54, 55, 56, 57, 58, 59 Ch's 20, 21, 22, 23, 24, 25, 25, 27, 28, 29 Ch's 30, 31, 32, 33, 34, 35, 36, 37, 38, 39 Ch's 40, 41, 42, 43, 44, 45, 46, 47, 48, 49 Ch's 50, 51, 52, 53, 54, 55, 56, 57, 58, 59
4s1
1567.540 1563.450 1559.390 1555.340 1551.320 1547.320 1543.330 1539.370 1535.430 1531.510
8s0
1558.578 1552.122 1545.720 1539.371 1533.073
10s0
1557.768 1549.715 1541.746 1533.858
5
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Contact Information
North America Santa Rosa Office
3640 Westwind Boulevard Santa Rosa CA 95403 USA * Tel: +1 707 636 1100 * Fax: +1 707 636 1199
Europe Paignton Office
Brixham Road Paignton Devon TQ4 7BE United Kingdom * Tel: +44 (0) 1803 66 2000 * Fax: +44 (0) 1803 66 2801
Asia Shenzhen Office
2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China * Tel: +86 755 33305888 * Fax: +86 755 33305805 +86 755 33305807
www.bookham.com sales@bookham.com
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
6
BH12930 Rev 1.0 March 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of CB1SLU111560200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X